Part Number Hot Search : 
MTZJ16 AN3319 SF1002 MC13820 D2060 LTC1642A 39H2R MC063
Product Description
Full Text Search
 

To Download EB72F61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EB72F61 Series
* Oven Controlled Crystal Oscillator (OCXO) * AT-Cut Crystal * HCMOS output * 3.3V supply voltage * 5 pin DIP package * External control voltage * Stability to 80ppb
EB72F61
H 10.5 L 20.2 W 20.2
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Frequency Range 10.000MHz, 12.288MHz, 12.800MHz, 16.000MHz, 19.440MHz, or 20.000MHz Operating Temperature Range (OTR) 0C to 50C, 0C to 70C, or -20C to 70C Storage Temperature Range -55C to 125C Supply Voltage (VDD) 3.3VDC 5% Frequency Tolerance / Stability at Nominal VDD and VC, at 25C vs. Initial Tolerance 1.0ppm or 500ppb Maximum at Nominal VDD and VC vs. Temperature Stability 80ppb, 100ppb, 200ppb, 280ppb, or 500ppb Maximum VDD 5% vs. Vdd 20ppb Maximum Vload 5% vs. Load 20ppb Maximum after 72 Hours of Operation vs. Aging (1 Day) 3.0ppb Maximum after 72 Hours of Operation vs. Aging (1 Year) 500ppb Maximum after 72 Hours of Operation vs. Aging (10 Years) 3.0ppm Maximum Crystal Cut AT-Cut to 500ppb of Final Frequency at 1 Hour at 25C Warm Up Time 3 Minutes Maximum at Steady State, at 25C Power Consumption 1.2Watts Maximum During Warm Up, at 25C 3.6Watts Maximum Output Voltage Logic High (VOH) IOH = -4mA 2.6VDC Minimum IOL = +4mA Output Voltage Logic Low (VOL) 0.4VDC Maximum Measured at 20% to 80% of Waveform Rise Time / Fall Time 6nSec Maximum Measured at 50% of Waveform Duty Cycle 50 5(%) Load Drive Capability 15pF HCMOS Load Maximum Referenced to FO at VC = 1.65VDC; VDD=5.0VDC over OTR Frequency Deviation 5ppm Minimum Control Voltage Range 0.0VDC to VDD Control Voltage (VC) 1.65VDC 1.65VDC Transfer Function Positive Transfer Characteristic Reference Voltage Output 2.8VDC 0.2VDC (Pin 5) Linearity 10% Maximum Input Impedance 10kOhms Typical 1Hz Offset Typical Phase Noise (at 12.800MHz) -70dBc/Hz 10Hz Offset -95dBc/Hz 100Hz Offset -120dBc/Hz 1kHz Offset -135dBc/Hz 10kHz Offset -140dBc/Hz
MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EB72F61
5 pin DIP
3.3V
OS2C
05/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EB72F61 D 10 B V 2 - 20.000M
INITIAL TOLERANCE C=1.0ppm D=500ppb FREQUENCY STABILITY 2 Digit Code Per Table 1 OPERATING TEMPERATURE RANGE 1 Letter Code Per Table 1 FREQUENCY DUTY CYCLE 2=50% 5% VOLTAGE CONTROL OPTION V=Voltage Control on Pin 4 and Reference Voltage Output on Pin 5
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Supply Voltage Pin 2: Output Pin 3: Case/Ground Pin 4: Voltage Control Pin 5: Reference Voltage Output ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MARKING SPECIFICATIONS Line 1: ECLIPTEK Characteristic Gross Leak Test Mechanical Shock Vibration Lead Integrity Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-883, Method 210 MIL-STD-883, Method 215 Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EB72F61
5 pin DIP
3.3V
OS2C
05/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EB72F61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X